|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Multi Control Devices Stick Controller RKJXK/RKJXP Series Compact size, standard type. Also available with lever return mechanism. Multi Control Devices Typical Specifications Potentionmeter Items Rated power Maximum operating voltage Operating force Operating life RKJXK 0.0125W 50V AC 5V DC 8mN m max. Not lever reset 6 4mN m Lever reset type 100,000cycles 17 10mN m RKJXP 2,000,000cycles Typical Specifications Center Push Characteristics Ratings max. Operating force Travel Operating life 100,000cycles 5.2 2.6N 0.5 -0.4mm 1,000,000cycles +0.5 RKJXK 50mA 12V DC RKJXP 6.4 -2.6 N +3.4 Variable Resistor Type Switch Type Product Line Lever return mechanism Without Without 500 10 With With 700 RKJXP1224002 3 B 0B RKJXK122400Y 2 RKJXK122000D Center-push Total resistance k Resistance taper Minimum order unit pcs. Product No. RKJXK1210002 Drawing No. 1 472 Multi Control Devices Stick Controller RKJXK/RKJXP Dimensions No. RKJXK1210 RKJXK1220 Photo Style 22.7 16 X Unit:mm PC board mounting hole dimensions Viewed from mounting side .9 o7 15.5 16 20.7 2 s hole 6-o1 X o2 Return position 19.3 oles .5 h 4-o1 12.9 Prohibited wiring area Mounting hole detail viewed from mounting side. 3.7 RKJXK1224 25.4 16 X .9 7 Y Y s hole 6-o1 13.3 2.6 5-o 20.7 16 5 60u .5 o1 419.3 6 2 4-1.35G1 7.7 Square hole Mounting hole detail viewed from mounting side. 3.7 4.5 les ho 8.25 12.9 RKJXP1224 25.8 16.1 X Y 16.1 21.5 Return position 13.3 3 5 9 X 50u min. 3 All directions hole 12.2 13.1 19.3 6.5 Mounting hole detail viewed from mounting side. 3.7 4.5 s 6 4-o 1 .2 8.25 o4 4o1 .5 ho les 9.8 X 2 9 3.1 Prohibited wiring area 15.5 9 5 2 13.3 5 9 1 60 All directions .6 4-o2 3.1 Y Y 9 5 Multi Control Devices Variable Resistor Type Switch Type Prohibited wiring area 9.8 15.6 9 5 5-o 2.6 4 1 6-o es hol 473 Multi Control Devices List of Varieties Series Items RKJXK Variable resistor type RKJXP Multi Control Devices Photo Function W Dimensions typical value mm D H Number of operating shafts Shaft material Directional resolution Outlined specifica-tions Directional operating feeling tactic feeling Directional operating force Center-push switch Encoder Operating temperature range Directional resolution Electrical performance Insulation resistance Voltage proof Mechanical performance Push operating force 5.2 2.6N 300mV max. 0.3N m 5 max. 50N min. Push/Pull - 30 80 60 2 2 2 for 96h for 96h RH for 96h 98N min. Push 50N min. Pull by JIS method -10 Metal Continuous Without 8mN m max.Without Lever return type 6 4mN m Lever reset type With/Without Without to 70 17 10mN m With 20.7 25.4 12.9 Single-shaft Resin 20.8 25.8 12.2 Continuous 100M min. 250V DC Variable Resistor Type Switch Type 250V AC for 1minute 6.4 -2.6N +3.4 Slider noise Lever stopper strength Lever play Lever strength Cold Environmental performance Dry heat Damp heat Manual soldering Soldering Dip soldering Manual soldering Page , 90 to 95 300 260 max. 3s max. 5 ,5 1s 472 Note Please contact us for export packing details. 469 |
Price & Availability of RKJXK122000D |